Part Number Hot Search : 
1N4002G P87C591 CLAMP LCR400 GFWB4 AN503 S620L PSOT36LC
Product Description
Full Text Search
 

To Download HPR100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hpr1xx rev m 1/04 1 product: www.cdpoweronline.com the hpr1xx series uses advanced cir - cuit design and packaging technology to deliver superior reliability and perfor - mance. a 170khz push-pull oscillator is used in the input stage. beat-frequency oscillation problems are reduced when using the hpr1xx series with high frequency isolation ampli?ers. reduced parts count and high ef - ?ciency add to the reliability of the hpr1xx series. the high ef?ciency of the hpr1xx series means less internal power dissipation, as low as 190mw. with reduced heat dissipation the hpr1xx series can operate at higher temperatures with no degradation. in addition, the high ef?ciency of the hpr1xx series means the series is able to offer greater than 10 w/inch 3 of out - put power density. operation down to corporate: www.cdtechno.com product: www.cdpoweronline.com no load will not impact the reliability of the series, although a > 1ma minimum load is needed to realize published speci?cations. the hpr1xx series provides the user a low cost converter without sacri?cing reliability. the use of surface mounted devices and advanced manufacturing technologies make it possible to offer premium performance and low cost. nominal rated rated input current reflected input output output ripple voltage voltage current no load rated load current efficiency model (vdc) (vdc) (ma) (ma) (ma) (map-p) (%) hpr100 5 5 150 20 216 10 69 hpr101 5 12 62 20 212 5 70 hpr102 5 15 50 20 212 5 71 hpr103 5 5 75 20 218 5 68 hpr104 5 12 30 20 212 5 68 hpr105 5 15 25 20 200 5 75 hpr106 12 5 150 10 90 5 69 hpr107 12 12 62 10 81 5 77 hpr108 12 15 50 10 81 5 77 hpr109 12 5 75 10 88 5 71 hpr110 12 12 30 10 81 5 74 hpr111 12 15 25 10 81 5 77 hpr112 15 5 150 8 72 5 69 hpr113 15 12 62 8 72 5 69 hpr114 15 15 50 8 72 5 69 hpr115 15 5 75 8 72 5 69 hpr116 15 12 30 8 63 5 76 hpr117 15 15 25 8 63 5 79 hpr118 24 5 150 8 48 15 65 hpr119 24 12 62 8 48 15 65 hpr120 24 15 50 8 45 15 76 hpr121 24 5 75 8 45 15 69 hpr122 24 12 30 8 45 15 67 hpr123 24 15 25 8 45 15 69 note: other input to output voltages may be available. please contact factory . product selection chart 0.75 watt single output dc/dc converter hpr1xx ? low cost ? multiple package styles ? internal input and output ? filtering ? non-conductive case ? high output power density: 10 watts/inch 3 ? extended temperature range: -25c to +85c ? ef?ciency to 79% specifications all speci?cations are typical at t a = +25c nominal input voltage unless otherwise speci?ed. iso900 1 certified
hpr1xx rev m 1/04 2 product: www.cdpoweronline.com 50 100 150 200 250 tempera ture (c) time (seconds) 235 c ma x 220 190 30 sec max (>220 c) 90 sec max (>190 c) 0.730" (18.54) 0.650" (16.51) 0.100" (2.54) 0.080" (2.03) 0.040" (1.02) 14 13 11 10 3 2 1 4 7 6 5 9 8 recommended reflow profile** recommended land pattern specifications , all models speci?cations are at t a = +25c nominal input voltage unless otherwise speci?ed. general output parameter conditions min typ max units input voltage range 4.5 5 5.5 vdc 10.8 12 13.2 vdc 13.5 15 16.5 vdc 21.6 24 26.4 vdc voltage rise time see typical performance curves & application notes: capacitive loading effects on start-up of dc/dc converters output rated power 750 mw voltage setpoint accuracy rated load, nominal v in 5 % ripple & noise bw = dc to 10mhz 150 mvp-p bw =10hz to 2mhz 30 mvrms voltage (over input voltage range) 1ma load, v out = 5v 7 vdc 1ma load, v out = 12v 15 vdc 1ma load, v out = 15v 18 vdc temperature coef?cent .01 % / c regulation line regulation high line to low line 1 %/%vin general isolation rated voltage 750 vdc test voltage 60 hz, 10 seconds 750 vrms (1060pk) resistance 10 g w capacitance 25 100 pf leakage current v iso = 240vac, 60hz 2 8.5 m arms switching frequency 170 khz frequency change over line and load 24 % package weight 2 g mttf per mil-hdbk-217, rev. f* circuit stress method ground benign t a = +25c 7.9 mhr fixed ground t a = +35c 1.9 mhr naval sheltered t a = +35c 1.2 mhr airborne uninhabited fighter t a = +35c 300 khr temperature speci?cation -25 +25 +85 c operation -40 +100 c storage -40 +110 c ** this pro?le is only applicable to the surface mount package devices.
hpr1xx rev m 1/04 3 product: www.cdpoweronline.com vout vs load (5v out models) vout vs load (5v out models) vout vs load (12v out models) vout vs load (12v out models) vout vs load (15v out models) vout vs load (15v out models) 0 4 0 120 160 5.3 5.5 5.7 4.9 5.1 0 2 0 4 0 6 0 8 0 11.9 12.0 12.1 12.2 12.3 12.4 0 2 0 4 0 6 0 8 0 4.6 4.8 5.0 5.2 5.4 0 1 0 2 0 3 0 4 0 12.0 12.1 12.2 12.3 12.4 12.5 14.9 15.1 15.3 15.5 15.7 15.9 0 2 0 4 0 6 0 8 0 0 13.5 14.0 14.5 15.0 15.5 16.0 v out v out v out v out v out v out f requency (khz) 80 output current (ma) output current each load (ma) output current each load (ma) 12.5 output current each load (ma) 12.6 output current each load (ma) output p ow er each load (w atts) 0.2 0.4 0.6 0.8 1.0 16.5 0 40 80 100 60 20 90 75 60 45 30 15 0 efficiency vs lo ad % of rated load (%) ef ficiency (%) oscilla tion freq uency vs tempera ture 220 200 180 160 140 -30 0 3 0 6 0 9 0 t emper ature (c) safe opera ting area rise ti me of input v oltage (ms) load cap acit ance vs input rise time (5 v out models) t otal load capacitance (uf) 0 5 10 15 20 25 30 35 40 45 50 600 500 400 300 200 100 0 safe opera ting area rise t ime of input v oltage (ms) load cap acit ance vs input rise tim e (12 v out models) t otal load capacitance (uf) 0 5 10 15 20 25 30 35 40 45 50 90 80 70 60 50 40 30 20 10 0 safe opera ting area rise ti me of input v oltage (ms) load cap acit ance vs input rise time (15 v out models) to tal load capacitance (uf) 0 5 10 15 20 25 30 35 40 60 50 40 30 20 10 0 notes: 1.) when operated within the safe operating area as de?ned by the above curves, the output voltage of hpr1xx devices is guaranteed to be within 95% of its steady-state value within 100 milliseconds after the input voltage has reached 95% of its steady- state value. 2.) for dual output models, total load capacitance is the sum of the capacitances on the plus and minus outputs. speci?cations are at t a = +25c nominal input voltage, nominal load, recommended external components applied, unless otherwise speci?ed. (refer to application note dcan-9 at www.cdpoweronline.com) typical performance curves safe operating area
hpr1xx rev m 1/04 4 product: www.cdpoweronline.com pin connections 1. +vin 2. -vin 4. -vout 5. com* 6. +vout package/pinout v and w 0.1000.010" (2.540.25) 0.0200.002" (0.510.05) 0.0150.005" (0.380.13) 0.3750.005" (9.520.13) 0.7850.010" (19.940.25) 14 13 11 10 3 2 1 4 7 6 5 9 8 0.5250.010" (13.340.25) 0.6950.015" (17.650.38) 0.0140.002" (0.360.05) .015.010" (.38.26) 0.1000.010" (2.540.25) 0.0200.002" (0.510.05) 0.0150.005" (0.380.13) 0.3750.005" (9.520.13) 0- 15 0.125+0.030" -0.000" (3.18+0.76) ( -0.00) 0.7850.010" (19.940.25) 14 13 11 10 3 2 1 4 7 6 5 9 8 0.5250.010" (13.340.25) 0.6950.015" (17.650.38) 0.600" (15.24) dip package smd package end views side views top views hpr1xxv hpr1xxw sip package/pinout notes: all dimensions are in inches (millimeters). grid: 0.100 inches (2.54 millimeters) pin placement tolerance: 0.015 *common pin not present on single output models. front view right side view bottom view 0.77 + 0.010 (19.56 + 0.25) 0.02 + 0.002 (0.51 + 0.05) 0.18 + 0.015 (4.57 + 0.38) 0.140 (3.56) min 1 2 4 *5 6 0.400 + 0.010 (10.16 + 0.25) 0.240 + 0.010 (6.09 + 0.25) 0.020 + 0.010 (0.51 + 0.25) 0.01 + 0.002 (0.25 + 0.05) 0.035 + 0.015 (0.89 + 0.38) mechanical notes: nc = do not connect. duplicate pin functions are internally connected. all dimensions are in inches (millimeters). grid: 0.100 inches (2.54 millimeters) internal power dissipation .................................. 450mw shortcircuitduration ........................................... momentary lead temperature (soldering, 10 seconds max . .+300c * * note: refer to re?ow pro?le for smd models. absolute maximum ratings hpr 1xx v/w device family hpr indicates dc/dc converter model number selected from table of electrical characteristics package option there is no package designator for the sip package v = dip package ordering information pin connections pin# singles duals 1 +vin +vin 2 -vin -vin 3 nc nc 4 nc nc 5 -vout -vout 6 nc common pin# singles duals 7 +vout +vout 8 nc nc 9 nc nc 10 nc nc 11 nc nc 13 nc nc 14 nc nc any data, prices, descriptions or speci?cations presented herein are subject to revision by c&d technologies, inc. without notice. while such information is believed to be accurate as indicated herein, c&d technologies, inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or complete - ness of such information. further, because the product(s) featured herein may be used under conditions beyond its control, c&d technologies, inc. hereby disclaims all warranties, either express or implied, concerning the ?tness or suitability of such product(s) for any particular use or in any speci?c application or arising from any course of dealing or usage of trade. the user is solely responsible for determining the suitability of the product(s) featured herein for users intended purpose and in users speci?c application. c&d technologies, inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications. power electronics division, americas 3400 e britannia drive, tucson, arizona 85706 tel: 800.547.2537 fax: 520.295.4197 c&d technologies, emea/ap milton keynes mk14 5bu uk tel: +44 (0)1908 615232 fax: +44 (0)1908 617545


▲Up To Search▲   

 
Price & Availability of HPR100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X